Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 315 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 315 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 311Page - STMicroelectronics STM32H742II Datasheet HTML 312Page - STMicroelectronics STM32H742II Datasheet HTML 313Page - STMicroelectronics STM32H742II Datasheet HTML 314Page - STMicroelectronics STM32H742II Datasheet HTML 315Page - STMicroelectronics STM32H742II Datasheet HTML 316Page - STMicroelectronics STM32H742II Datasheet HTML 317Page - STMicroelectronics STM32H742II Datasheet HTML 318Page - STMicroelectronics STM32H742II Datasheet HTML 319Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 357 page
background image
DS12110 Rev 10
315/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
USB OTG_FS characteristics
The USB interface is fully compliant with the USB specification version 2.0 and is USB-IF
certified (for Full-speed device operation).
USB OTG_HS characteristics
Unless otherwise specified, the parameters given in Table 212 for ULPI are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
summarized in Table 122: General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL=20 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
VOS level set to VOS1
Refer to Section 7.3.15: I/O port characteristics for more details on the input/output
characteristics.
Table 211. USB OTG_FS electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD33USB
USB transceiver operating
voltage
-3.0(1)
1. The USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics which are
degraded in the 2.7 to 3.0 V voltage range.
-3.6
V
RPUI
Embedded USB_DP pull-up
value during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up
value during reception
-
1400
2300
3200
ZDRV
Output driver impedance(2)
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.
Driver high
and low
28
36
44
Table 212. Dynamics characteristics: USB ULPI(1)
Symbol
Parameter
Condition
Min
Typ Max Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup
time
-2.5
-
-
ns
-4.5(2)
--
tHC
Control in (ULPI_DIR, ULPI_NXT) hold
time
-2
-
-
tSD
Data in setup time
-
2.5
-
-
tHD
Data in hold time
-
0
-
-
tDC/tDD
Control/Datal output delay
2.7<VDD<3.6 V
CL=20 pF
-9
9.5
1.71<VDD<3.6 V
CL=15 pF
-9
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com