Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 318 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 318 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 314Page - STMicroelectronics STM32H742II Datasheet HTML 315Page - STMicroelectronics STM32H742II Datasheet HTML 316Page - STMicroelectronics STM32H742II Datasheet HTML 317Page - STMicroelectronics STM32H742II Datasheet HTML 318Page - STMicroelectronics STM32H742II Datasheet HTML 319Page - STMicroelectronics STM32H742II Datasheet HTML 320Page - STMicroelectronics STM32H742II Datasheet HTML 321Page - STMicroelectronics STM32H742II Datasheet HTML 322Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
318/357
DS12110 Rev 10
Figure 117. Ethernet MII timing diagram
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 216 and Table 217 for
JTAG/SWD are derived from tests performed under the ambient temperature, frcc_c_ck
frequency and VDD supply voltage summarized in Table 122: General operating conditions,
with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 0x10
•
Capacitive load CL=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS1
Refer to Section 7.3.15: I/O port characteristics for more details on the input/output
characteristics:
Table 215. Dynamics characteristics: Ethernet MAC signals for MII (1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
2
-
-
ns
tih(RXD)
Receive data hold time
2
-
-
tsu(DV)
Data valid setup time
1.5
-
-
tih(DV)
Data valid hold time
1.5
-
-
tsu(ER)
Error setup time
1.5
-
-
tih(ER)
Error hold time
0.5
-
-
td(TXEN)
Transmit enable valid delay time
9
10
11
td(TXD)
Transmit data valid delay time
8.5
9.5
12.5
ai15668b
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
td(TXEN)
td(TXD)
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com