Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 347 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 347 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 343Page - STMicroelectronics STM32H742II Datasheet HTML 344Page - STMicroelectronics STM32H742II Datasheet HTML 345Page - STMicroelectronics STM32H742II Datasheet HTML 346Page - STMicroelectronics STM32H742II Datasheet HTML 347Page - STMicroelectronics STM32H742II Datasheet HTML 348Page - STMicroelectronics STM32H742II Datasheet HTML 349Page - STMicroelectronics STM32H742II Datasheet HTML 350Page - STMicroelectronics STM32H742II Datasheet HTML 351Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 357 page
background image
DS12110 Rev 10
347/357
STM32H742xI/G STM32H743xI/G
Package information
348
8.10.1
Reference documents
•
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org.
•
For information on thermal management, refer to application note “Thermal
management guidelines for STM32 32-bit Arm Cortex MCUs applications” (AN5036)
available from www.st.com.
ΘJC
Thermal resistance
junction-case
Thermal resistance junction-ambient
LQFP100 - 14 x 14 mm /0.5 mm pitch
11.5
°C/W
Thermal resistance junction-ambient
TFBGA100 - 8 x 8 mm /0.8 mm pitch
17.1
Thermal resistance junction-ambient
LQFP144 - 20 x 20 mm /0.5 mm pitch
11.3
Thermal resistance junction-ambient
UFBGA169 - 7 x 7 mm /0.5 mm pitch
11
Thermal resistance junction-ambient
LQFP176 - 24 x 24 mm /0.5 mm pitch
11.2
Thermal resistance junction-ambient
LQFP208 - 28 x 28 mm /0.5 mm pitch
11.1
Thermal resistance junction-ambient
UFBGA176+25 - 10 x 10 mm /0.65 mm pitch
23.9
Thermal resistance junction-ambient
TFBGA240+25 - 14 x 14 mm / 0.8 mm pitch
7.4
Table 230. Thermal characteristics (continued)
Symbol
Definition
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com