Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 348 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 348 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 344Page - STMicroelectronics STM32H742II Datasheet HTML 345Page - STMicroelectronics STM32H742II Datasheet HTML 346Page - STMicroelectronics STM32H742II Datasheet HTML 347Page - STMicroelectronics STM32H742II Datasheet HTML 348Page - STMicroelectronics STM32H742II Datasheet HTML 349Page - STMicroelectronics STM32H742II Datasheet HTML 350Page - STMicroelectronics STM32H742II Datasheet HTML 351Page - STMicroelectronics STM32H742II Datasheet HTML 352Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 357 page
background image
Ordering information
STM32H742xI/G STM32H743xI/G
348/357
DS12110 Rev 10
9
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Example:
STM32 H
743
X
I
T
6
TR(1)
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
H = High performance
Device subfamily
743 = STM32H7x3
742 = STM32H7x2
Pin count
V = 100 pins/balls
Z = 144 pins
A = 169 balls
I = 176 pins/176+25 balls
B = 208 pins
X = 240+25 balls
Flash memory size
G = 1 Mbytes
I = 2 Mbytes
Package
T = LQFP ECOPACK2
K = UFBGA pitch 0.65 mm ECOPACK2
I = UFBGA pitch 0.5 mm ECOPACK2
H = TFBGA ECOPACK2
Temperature range
6 = –40 to 85 °C
Packing
TR = tape and reel
No character = tray or tube
1. The tape and reel packing is not available on all packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com