Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 355 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 355 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 349Page - STMicroelectronics STM32H742II Datasheet HTML 350Page - STMicroelectronics STM32H742II Datasheet HTML 351Page - STMicroelectronics STM32H742II Datasheet HTML 352Page - STMicroelectronics STM32H742II Datasheet HTML 353Page - STMicroelectronics STM32H742II Datasheet HTML 354Page - STMicroelectronics STM32H742II Datasheet HTML 355Page - STMicroelectronics STM32H742II Datasheet HTML 356Page - STMicroelectronics STM32H742II Datasheet HTML 357Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 355 / 357 page
background image
DS12110 Rev 10
355/357
STM32H742xI/G STM32H743xI/G
Revision history
356
4-Mar-2022
9
Section 2: Description
Removed note indicating that packages are under development from Table 2:
STM32H742xI/G and STM32H743xI/G features and peripheral counts.
Section 3: Functional overview
Updated number of microphones that can be supported by the SAI in Section 3.34:
Serial audio interfaces (SAI).
Section 5: Pin descriptions
Updated F1, F2 and G2 signals, and added notes 2, 3 and 4 in Figure 12:
TFBGA240+25 ballout.
Removed FDCAN1_RXFD_MODE, FDCAN1_TXFD_MODE, FDCAN2_RXFD_MODE
and FDCAN2_TXFD_MODE functions from Table 9: Pin/ball definition and all alternate
function tables.
Additional modifications made on Table 9: Pin/ball definition: added note to VDD50USB,
added note to PB12 and PB13, changed PB1 I/O structure to TT_a, replaced PI8
WKUP3 additional function by WKUP2 and PC13 WKUP2 additional function by
WKUP3, and changed F1 and G2 to VSS.
Section 6: Electrical characteristics (rev Y)
– Updated Figure 15: Power supply scheme.
– Updated Table 42: High-speed external user clock characteristics.
– Added tERASE128KB typical and maximum values in Table 52: Flash memory
characteristics.
– Updated Fmax for speed 10 and 11 in Table 63: Output timing characteristics (HSLV
OFF).
– Replaced FMC_CLK by FMC_SDCLK in Section : SDRAM waveforms and timings.
– Updated Figure 40: ADC accuracy characteristics and Figure 41: Typical connection
diagram when using the ADC with FT/TT pins featuring analog switch function.
– Updated TL maximum value in Table 92: Temperature sensor characteristics.
– .Changed fTIMxCLK maximum frequency to 240 MHz in Table 103: TIMx
characteristics.
Section 7: Electrical characteristics (rev V)
– Updated Figure 68: Power supply scheme.
– Updated Table 139: High-speed external user clock characteristics.
– Added tERASE128KB typical and maximum values in Table 149: Flash memory
characteristics.
– Updated Fmax for speed 10 and 11 in Table 160: Output timing characteristics (HSLV
OFF).
– Replaced FMC_CLK by FMC_SDCLK in Section : SDRAM waveforms and timings.
– Updated Figure 92: ADC accuracy characteristics and Figure 93: Typical connection
diagram when using the ADC with FT/TT pins featuring analog switch function.
– Updated tERASE128KB in Table 150: Flash memory programming.
– Updated TL maximum value in Table 190: Temperature sensor characteristics.
– Changed VDAC_OUT maximum value to VREF+ −0.2 in Table 188: DAC accuracy.
– Updated tOH in Table 209: Dynamics characteristics: SD / MMC characteristics,
VDD = 2.7 to 3.6 V
– Added Section : USB OTG_FS characteristics.
Table 231. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com