Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 356 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 356 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 349Page - STMicroelectronics STM32H742II Datasheet HTML 350Page - STMicroelectronics STM32H742II Datasheet HTML 351Page - STMicroelectronics STM32H742II Datasheet HTML 352Page - STMicroelectronics STM32H742II Datasheet HTML 353Page - STMicroelectronics STM32H742II Datasheet HTML 354Page - STMicroelectronics STM32H742II Datasheet HTML 355Page - STMicroelectronics STM32H742II Datasheet HTML 356Page - STMicroelectronics STM32H742II Datasheet HTML 357Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 356 / 357 page
background image
Revision history
STM32H742xI/G STM32H743xI/G
356/357
DS12110 Rev 10
4-Mar-2022
9
(continued)
Section 8: Package information
Updated Section 8.1: LQFP100 package information (1L), Section 8.3: LQFP144
package information, Section 8.6: LQFP176 package information, Section 8.8:
UFBGA(176+25) package information, Figure 137: LQFP208 marking example
(package top view)and Table 136: TFBGA240+25 - Recommended PCB design rules.
30-Mar-2023
10
Removed note 1 (“SDRAM is not available on LQFP144 package”) below Table 2:
STM32H742xI/G and STM32H743xI/G features and peripheral counts
Changed WKUP[5:0] to WKUP[6:1] in Figure 1: STM32H742xI/G block diagram and in
Table 9: Pin/ball definition.
Modified Section 3.5.1: Power supply scheme
Updated Section 3.24: Digital camera interface (DCMI) (modified supported format)
Updated Figure 4: STM32H743xI/G bus matrix.
Changed Ileak to AIlkg in Table 60: I/O static characteristics and Table 157: I/O static
characteristics
Modified Table 153: EMI characteristics for fHSE = 8 MHz and fCPU = 400 MHz
Updated section I/O dynamic current consumption and I/O static current consumption in
Section 6: Electrical characteristics (rev Y) and Section 7: Electrical characteristics (rev
V).
Updated Table 22: Current characteristics and Table 120: Current characteristics
Updated note below Figure 41: Typical connection diagram when using the ADC with
FT/TT pins featuring analog switch function and Figure 93: Typical connection diagram
when using the ADC with FT/TT pins featuring analog switch function
Updated VCORE max value in Table 122: General operating conditions
Updated Table 113: Dynamic characteristics: USB ULPI
Added Section 8.1: Device marking (device marking information removed from package
sections and moved to this section)
Updated Section 8: Package information and Section 8.8: UFBGA(176+25) package
information.
Modified title for footprint figure and PCB design rules table (examples instead of
recommendations)
Updated information on pin count in Section 9: Ordering information
Added Section 10: Important security notice.
Table 231. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com