Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 12 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 12 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation CIRCC Datasheet HTML 12Page - SMSC Corporation CIRCC Datasheet HTML 13Page - SMSC Corporation CIRCC Datasheet HTML 14Page - SMSC Corporation CIRCC Datasheet HTML 15Page - SMSC Corporation CIRCC Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
12
SCE
Transmit Bit-Rate
Divider
Carrier Frequency
Divider
Clock
Programmable
Receive Carrier
Sense
Receive Bit-Rate
Divider
CIR Tx
Tx Enable
Range
Sync
Rx Enable
Encoder/Decoder
Carrier Off
CIR Rx
FIGURE 4 - CIrCC CONSUMER IR (REMOTE CONTROL) BLOCK
C
0
C
1
C
2
C
3
C
4
C
5
C
6
C
7
C’
0
C’
1
C’
2
C’
3
C’
4
C’
5
C’
6
C’
7
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D’
0
D’
1
D’
2
D’
3
D’
4
D’
5
D’
6
D’
7
L e a d e r C ode
C u s t om C ode
C u s t om C ode ’
D a t a C ode
D a t a C ode
01
1
2. 25m s
9m s
4 . 5 m s
1. 125m s
. 5625m s
8. 77us
26. 3us
3 8 K H z C a rri er
( 9 m s or . 5625m s )
FIGURE 5 - NEC PPM CONSUMER REMOTE CONTROL OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com