Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 32 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 32 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation CIRCC Datasheet HTML 34Page - SMSC Corporation CIRCC Datasheet HTML 35Page - SMSC Corporation CIRCC Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
32
SCE Configuration Register B (Address 1)
Output Mux, bits 7 - 6
The
Output
Mux
bits
select
the
Output
Multiplexer port for the active encoder/decoder
(Table 20).
When D[7:6]=1,1 in Table 20
inactive outputs depend on the state of the Tx
Polarity bit, otherwise inactive outputs are zero.
The Output Mux bits are equivalent to the
FDC37C93x IR Option Register bits 6-7. The IR
Location Mux, bit 6, in the FDC37C93x IR Option
Register is equivalent to Output Mux bit, D6; bit
7 (Reserved) in the FDC37C93x IR Option
Register is equivalent to Output Mux bit, D7.
Provisions have been made in legacy devices to
accommodate Output Multiplexer port selection
through
either
the
chip-level
configuration
registers or the Output Mux bits; i.e., the last
write from either source determines the current
port selection and is visible in both registers.
Table 20 - CIrCC Output Multiplexer
D7
D6
MUX. MODE
0
0
Active Device to COM Port (default)
0
1
Active Device to IR Port
1
0
Active Device to AUX Port
1
1
Outputs Inactive
Loopback, bit 5
The Loopback bit configures the FIFO and
enables the transmitter/receiver for loopback
testing. The SCE MODES bits must be set to
zero before activating the Loopback bit. When
the Loopback bit is one, the SCE enters a full-
duplex mode with internal loopback capability for
testing. The 32-byte FIFO input is connected to
the SCE receiver output, the FIFO output is
connected to the SCE transmit input. Consumer
IR
loopback
tests
reset
the
Loopback
bit
automatically when the Rx Data Size register
reaches
zero.
Provisions
must
be
made
following loopback tests in all modes to verify the
Rx message data in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com