Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 35 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 35 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation CIRCC Datasheet HTML 34Page - SMSC Corporation CIRCC Datasheet HTML 35Page - SMSC Corporation CIRCC Datasheet HTML 36Page - SMSC Corporation CIRCC Datasheet HTML 37Page - SMSC Corporation CIRCC Datasheet HTML 38Page - SMSC Corporation CIRCC Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
35
REGISTER BLOCK TWO
Register Block Two contains the Consumer IR
(Remote Control) encoder/decoder configuration
registers (Table 23).
Table 23 - Register Block Two
ADDRESS
DIR
DESCRIPTION
DEFAULT
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
Consumer IR Remote Control Register
'00'hex
sync
bit
frame
pme
wake
nccc
ncdc
carrier
off
carrier
range bits
0
0
1
R/W
Consumer IR Carrier Rate Register
'29'hex
0
1
0
R/W
Consumer IR Bit Rate Register
'37'hex
0
1
1
R/W
Custom Code
'00'hex
1
0
0
R/W
Custom Code’
'00'hex
1
0
1
R/W
Data Code
'00'hex
1
1
0
Reserved
Consumer IR Control Register (Address 0)
Sync Bit, bit 7
The Sync Bit enables the receiver bit-rate clock
synchronization mechanism. When the Sync bit
is one, receiver edge synchronization is enabled
(see the Receiver Bit Cell Synchronization
section on page 16).
Frame Bit, bit 6
The Frame bit determines the compatibility mode
of the CIR decoder (Table 24). If the Frame bit is
one, the CIR hardware decodes NEC PPM
remote control frames. If the Frame bit is zero
(default), frame decoding must be performed in
software.
PME Wake, bit 5
The PME Wake bit is used to configure the CIR
decoder for a PME wake-up event and to clear
the PME output (Table 24).
When the PME
Wake bit is one, the CIR decoder qualifies
incoming message frames depending upon the
state of the 16 bit Custom Code register, the 8 bit
Data Code register, the NCCC bit and the NCDC
bit and activates the CIrCC PME output when
appropriate. When the PME Wake bit is one, the
data received from NEC CIR remote frames is
not sent to the FIFO. When the PME Wake bit is
zero (default), the CIrCC PME output is cleared,
the CIR decoder qualifies incoming message
frames depending on the state of the 16 bit
Custom Code register and the NCCC bit, and
sends valid data to the FIFO.
NCCC, bit 4
The
No
Care
Custom
Code
(NCCC)
bit
determines the behavior of the CIR decoder
when the Frame bit is active (one) (Table 24).
When the NCCC bit is one and the PME Wake
bit is one, a PME event will be generated upon
receipt of a valid NEC CIR frame if the data code
field of the NEC frame matches the value of the
Data Code register, regardless of the custom
code field of the incoming frame. When the
NCCC bit is zero (default) and the PME Wake bit
is active (one), a PME event may be generated if
the custom code of the incoming NEC CIR frame
matches the value programmed into the 16 bit
Custom Code register, depending upon NCDC
qualification. When the NCCC bit is one and the
PME Wake bit is inactive (zero), the 8 bit data
code and the 16 bit custom code field of any
valid NEC CIR frame that is received will be sent
to the FIFO.
When the NCCC bit is zero
(default) and the PME Wake bit is zero, the data
code field of an incoming NEC CIR frame will be
written to the FIFO if the custom code field
matches the value programmed into the 16 bit
Custom Code register.
Non-qualifying frames
are ignored by the hardware.
NCDC, bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com