Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 28 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 28 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
Line Control Register B (Address 5)
SCE Modes, bits 6 - 7
The SCE Modes bits enable the SCE transmitter
and receiver (Table 16). These bits are R/W and
must be manually reset by the host following CIR
message transactions when the FRAME bit is
one.
The SCE Modes bits are automatically
reset by the hardware following FIFO Overruns
or Underruns. Note: The SCE Modes bits must
be zero for loopback tests.
Table 16 - SCE Modes
D7
D6
MODE DESCRIPTION
0
0
Receive/Transmit Disabled (default)
0
1
Transmit Mode
1
0
Receive Mode
1
1
Undefined
Transmit Mode
Transmit mode enables the SCE Consumer IR
transmitter whenever TC goes active, or the
FIFO THRESHOLD has been exceeded (see the
Transmit Timing section on page 54).
In
Transmit
mode,
the
SCE
FIFO
input
is
connected to the Host System Data Bus and the
FIFO output is connected to the SCE transmitter
input. The Consumer IR encoder will reset
Transmit mode in hardware following the rising
edge
of
nActive
Frame
following
a
FIFO
underrun.
Receive Mode
Receive mode enables the SCE Consumer IR
receiver (see the Receive Timing section on
page 54).
In Receive mode, the SCE FIFO
output is connected to the Host System Data
Bus, the FIFO input is connected to the SCE
receiver output. The Consumer IR encoder will
reset Receive mode in hardware following the
rising edge of nActive Frame following a FIFO
underrun or TC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com