Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 29 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 29 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
29
Message Count, bits 0 - 3
The four Message Count bits control (internal)
hardware access to the Line Status Registers
and are unaffected by the Status Register
Address. The Message Count bits also indicate
the system message-state. For example, if the
Message Count bits are zero, i.e. the power-up
default, Line Status Register zero is active,
although undefined because no messages have
been sent or received. The Message Count bits
are incremented after every active frame.
At
point A in Figure 18, for example, the rising edge
of nActive Frame increments Message Count by
one indicating that the first message has been
received. This means that Line Status Register
#1 (status register address 0) is valid, and Line
Status Register #2 is currently active, although
undefined.
Hardware prevents the Message
Count
register
from
exceeding
eight
('1000'Binary).
Bus Status Register (Address 6)
FIFO Indicators (read-only)
The FIFO Indicators reflect the current status of
the SCE FIFO.
FIFO Not Empty, bit 7
The FIFO Not Empty bit when set to one
indicates that there is data in the SCE FIFO.
FIFO Full, bit 6
The FIFO Full bit when set to one indicates that
there is no room for data in the SCE FIFO.
Time-Out, bit 5
The Time-Out bit is the IOCHRDY time-out error
bit. The Time-Out bit when set to one indicates
that an IOCHRDY time-out error has occurred
(see the IOCHRDY Time-Out section on page
63).
Time-Out is reset by the CIrCC System
Reset, following a read of the Bus Status
register, and following a Master Reset.
nActive Frame
Message Count (0000)
0001
A
0010 0011
FIGURE 18 - MESSAGE COUNT EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com