Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 55 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 55 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 51Page - SMSC Corporation CIRCC Datasheet HTML 52Page - SMSC Corporation CIRCC Datasheet HTML 53Page - SMSC Corporation CIRCC Datasheet HTML 54Page - SMSC Corporation CIRCC Datasheet HTML 55Page - SMSC Corporation CIRCC Datasheet HTML 56Page - SMSC Corporation CIRCC Datasheet HTML 57Page - SMSC Corporation CIRCC Datasheet HTML 58Page - SMSC Corporation CIRCC Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
55
FRAME ERRORS
A framing error is any bit-wide violation that
occurs during the payload portion of NEC
consumer
remote
control
message
frames.
Payload data in this protocol always follows the
leader code and includes the custom code and
data code fields as shown in Figure 5.
The Frame Error bit in the SCE Line Status
Register is set to “1” when a framing error
occurs.
The Frame Error bit will not be set if
framing errors occur when the FRAME bit in the
SCE Consumer IR Remote Control Register is
inactive (“0”).
The bit-wide violations that produce framing
errors are defined as the continuous presence of
carrier for more than two or more bit cells, or the
continuous absence of carrier for four or more bit
cells. Note: bit cells are determined by the SCE
CIR Bit Rate Divider register. For example; if the
Bit Rate Divider is programmed for the NEC
format shown in Figure 5 when the FRAME bit is
“1”, then the Frame Error bit will be set if carrier
is detected for 1.125ms or greater, or if no carrier
is detected for 2.25ms or greater.
Note: It is possible for the FIFO to be empty with
the Frame Error bit set at the end of an invalid
NEC remote control message frame because the
payload data in messages with framing errors will
either be ignored or passed to the FIFO
depending on the data pattern and the frequency
of violations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com