Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 23 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 23 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 19Page - SMSC Corporation CIRCC Datasheet HTML 20Page - SMSC Corporation CIRCC Datasheet HTML 21Page - SMSC Corporation CIRCC Datasheet HTML 22Page - SMSC Corporation CIRCC Datasheet HTML 23Page - SMSC Corporation CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
23
SCE CONTROLS
The CIrCC SCE Registers are arranged in 7-byte
blocks. Of the eight possible register blocks, four
are used in this implementation.
The Master Block Control Register controls
access to the register blocks. Table 13 lists all of
the SCE registers in all blocks.
Table 13 - SCE Register Addressing
BLOCK
ADDRESS
DIRECTION
REGISTER NAME
X
7
R/W
Master Block Control
0
0
R/W
Data Register
0
1
RO
Interrupt Identification
0
2
R/W
Interrupt Enable
0
3
RO
Line Status (read)
0
3
WO
Line Status Address (write)
0
4
R/W
Line Control A
0
5
R/W
Line Control B
0
6
R/W
Bus Status
1
0
R/W
SCE Configuration A
1
1
R/W
SCE Configuration B
1
2
R/W
FIFO Threshold
1
3
RO
FIFO COUNT
1
6
R/W
SCE Configuration C
2
0
R/W
Consumer IR Control
2
1
R/W
Consumer IR Carrier Rate
2
2
R/W
Consumer IR Bit Rate
2
3
R/W
Custom Code
2
4
R/W
Custom Code
2
5
R/W
Data Code
3
0
RO
SMSC ID (high)
3
1
RO
SMSC ID (low)
3
2
RO
CHIP ID
3
3
RO
VERSION Number
3
4
RO
IRQ Level
DMA Channel
3
5
RO
Software Select A
3
6
RO
Software Select B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com