Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 65 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 65 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 61Page - SMSC Corporation CIRCC Datasheet HTML 62Page - SMSC Corporation CIRCC Datasheet HTML 63Page - SMSC Corporation CIRCC Datasheet HTML 64Page - SMSC Corporation CIRCC Datasheet HTML 65Page - SMSC Corporation CIRCC Datasheet HTML 66Page - SMSC Corporation CIRCC Datasheet HTML 67Page - SMSC Corporation CIRCC Datasheet HTML 68Page - SMSC Corporation CIRCC Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
65
Zero Wait State Support
nSRDY
nSRDY can be driven by the CIrCC to indicate
that an access cycle shorter than the standard
I/O cycle can be executed.
NOTE: the names
nSRDY & nNOWS can be used interchangeably.
nSRDY is enabled by the No Wait bit in SCE
Configuration Register B. When No Wait is one,
nSRDY goes active following the trailing edge of
the ISA I/O command and inactive following the
rising edge (Figure 35). nSRDY is suppressed
during DMA & refresh cycles, i.e. when AEN is
active, or when IOCHRDY is inactive. Zero Wait
State support is only available when the SCE is
enabled.
The Interaction of nSRDY
and
IOCHRDY
determine
the
three types of ISA access
cycles: no-wait-state cycle, standard cycle, ready
cycle (Table 31). NOTE: An inactive IOCHRDY
suppresses nSRDY.
Table 31 - nSRDY and IOCHRDY Interaction
nSRDY
IOCHRDY
DESCRIPTION
active
active
No-wait-state Cycle (shortest length)
inactive
active
Standard Cycle (mean length)
x
inactive
Ready Cycle (longest length)
AEN
I/Ox
nSRDY
No Wait
FIGURE 35 - nSRDY TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com