Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 36 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 36 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation CIRCC Datasheet HTML 34Page - SMSC Corporation CIRCC Datasheet HTML 35Page - SMSC Corporation CIRCC Datasheet HTML 36Page - SMSC Corporation CIRCC Datasheet HTML 37Page - SMSC Corporation CIRCC Datasheet HTML 38Page - SMSC Corporation CIRCC Datasheet HTML 39Page - SMSC Corporation CIRCC Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
The No Care Data Code (NCDC) bit determines
the behavior of the CIR decoder when both the
Frame and the PME Wake bits are active (one)
(Table 24). When the NCDC bit is one, a PME
event may be generated regardless of the data
programmed in the 8 bit Data Code register,
pending NCCC qualification.
This enables a
wake-up event on any key press.
When the
NCDC bit is zero (default), a PME event can only
be generated if the data code field in the
received NEC CIR frame matches the value
programmed in the 8 bit Data Code register;
NCCC qualification may also apply.
This
enables a wake-up event for a particular key-
press. Note: The NCDC bit has no effect if either
the Frame bit or the PME Wake bit is inactive
(zero).
TABLE 24 - NCCC AND NCDC FUNCTIONALITY
FRAME
NCCC
NCDC
PME
WAKE
FUNCTION
0
X
X
X
No CIR Hardware Framing or Wake-up Events.
1
0
X
0
The data code field of incoming frame is written to the
FIFO if the custom code field of incoming NEC CIR frame
matches the value of the 16 bit Custom Code register.
1
0
0
1
PME signal is asserted if the custom code and the data
code fields of incoming NEC CIR frame match the values
programmed in the 16 bit Custom Code and 8 bit Data
Code registers.
1
0
1
1
PME signal is asserted if the custom code field of
incoming
NEC
CIR
frame
matches
the
value
programmed in the 16 bit Custom Code register,
regardless of the data that is programmed in the 8-bit
Data Code register.
1
1
X
0
The custom code and the data code fields of any valid
NEC CIR frame are written to the FIFO.
1
1
0
1
PME signal is asserted if the data code field of an
incoming NEC CIR frame matches the value of the 8 bit
Data Code register.
1
1
1
1
PME asserted upon receipt of any valid NEC CIR frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com