Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 31 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 31 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation CIRCC Datasheet HTML 31Page - SMSC Corporation CIRCC Datasheet HTML 32Page - SMSC Corporation CIRCC Datasheet HTML 33Page - SMSC Corporation CIRCC Datasheet HTML 34Page - SMSC Corporation CIRCC Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
31
TABLE 18 - IRCC LOGICAL BLOCK CONTROLS
D6
D5
D4
D3
MODE
DESCRIPTION
0
0
0
0
COM
16550 UART COM Port (default)
0
0
0
1
IrDA SIR - A
Up to 115.2 kbps, Variable 3/16 Pulse
0
0
1
0
ASK IR
Amplitude Shift Keyed Ir Interface
0
0
1
1
IrDA SIR - B
Up to 115.2 kbps, Fixed 1.6
µs Pulse
0
1
0
0
-
Reserved
0
1
0
1
-
Reserved
0
1
1
0
CONSUMER
Remote Control
0
1
1
1
RAW IR
Direct IR Diode Control
1
X
X
X
-
Reserved
Half Duplex, bit 2
When Half Duplex is zero (default), the 16C550A
is in full duplex mode. The Half Duplex bit only
supports the 16C550A UART; i.e., this bit has no
effect on the CIrCC SCE. The Half Duplex bit is
analogous to the chip-level configuration register
Half Duplex bit and has the same effect on the
UART. Provisions have been made in legacy
devices to accommodate Half Duplex selection
through
either
the
chip-level
configuration
registers or the CIrCC Half Duplex bit; i.e., the
last write from either source determines the
current mode selection and is visible in both
registers.
Tx/Rx Polarity Bits, 0 - 1
The Tx and Rx Polarity bits define the active
states for signals entering and exiting the Output
Multiplexer ports.
Internal CIrCC Active states
are typically decoded as zero. The Tx Polarity bit
default is one; the Rx Polarity bit default is zero.
For backward compatibility, the Tx and Rx
Polarity bits do not apply to COM mode; i.e.,
when the Block Control bits are zero.
The
relationship between the Output Multiplexer port
signals and the Polarity bits is an exclusive-or
(Table 19). For example, if the IRRx pin in the
Output Multiplexer is one and the Rx Polarity bit
is zero, the signal is inactive and therefore
decoded as a one. The CIrCC Tx Polarity bit (bit
1) is equivalent to the Transmit Polarity bit in the
chip-level configuration space of earlier devices;
e.g., the FDC37C93x IR Option Register, Serial
Port 2, Logical Device 5, Register 0xF1. The Rx
Polarity bit (bit 0) is equivalent to the Receive
Polarity bit in the same register. Provisions have
been made in legacy devices to accommodate
Polarity bit selection through either the chip-level
configuration registers or the SCE registers; i.e.,
the last write from either source determines the
current Polarity bit value and is visible in both
registers.
Table 19 - Tx/Rx Polarity Bit Effects
SIGNAL
POLARITY BIT
DECODED SIGNAL
0
0
0
0
1
1
1
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com