Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 48 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 48 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 44Page - SMSC Corporation CIRCC Datasheet HTML 45Page - SMSC Corporation CIRCC Datasheet HTML 46Page - SMSC Corporation CIRCC Datasheet HTML 47Page - SMSC Corporation CIRCC Datasheet HTML 48Page - SMSC Corporation CIRCC Datasheet HTML 49Page - SMSC Corporation CIRCC Datasheet HTML 50Page - SMSC Corporation CIRCC Datasheet HTML 51Page - SMSC Corporation CIRCC Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
48
In this mode, the user's program will check RCVR
and XMITTER status via the LSR. LSR definitions
for the FIFO Polled Mode are as follows:
-
Bit 0=1 as long as there is one byte in the
RCVR FIFO.
-
Bits 1 to 4 specify which error(s) have
occurred.
Character error status is handled
the same way as when in the interrupt mode,
the IIR is not affected since EIR bit 2=0.
-
Bit 5 indicates when the XMIT FIFO is empty.
-
Bit 6 indicates that both the XMIT FIFO and
shift register is empty.
-
Bit 7 indicates whether there are any errors in
the RCVR FIFO.
There is no trigger level reached or timeout
condition indicated in the FIFO Polled Mode,
however, the RCVR and XMIT FIFOs are still fully
capable of holding characters.
Table 28 - Baud Rates Using 1.8462 MHz Clock (24 MHz/13)
DESIRED BAUD
RATE
DIVISOR USED TO
GENERATE 16X CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL
1
UART HIGH
SPEED BIT
2
50
2304
0.001
X
75
1536
-
X
110
1047
-
X
134.5
857
0.004
X
150
768
-
X
300
384
-
X
600
192
-
X
1200
96
-
X
1800
64
-
X
2000
58
0.005
X
2400
48
-
X
3600
32
-
X
4800
24
-
X
7200
16
-
X
9600
12
-
X
19200
6
-
X
38400
3
0.030
X
57600
2
0.16
X
115200
1
0.16
X
230400
32770
0.16
1
460800
32769
0.16
1
Note
1: The percentage error for all baud rates, except where indicated otherwise, is 0.2%.
Note
2: The UART High Speed bit is located in the device configuration space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com