Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIRCC Datasheet(PDF) 66 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 66 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 62Page - SMSC Corporation CIRCC Datasheet HTML 63Page - SMSC Corporation CIRCC Datasheet HTML 64Page - SMSC Corporation CIRCC Datasheet HTML 65Page - SMSC Corporation CIRCC Datasheet HTML 66Page - SMSC Corporation CIRCC Datasheet HTML 67Page - SMSC Corporation CIRCC Datasheet HTML 68Page - SMSC Corporation CIRCC Datasheet HTML 69Page - SMSC Corporation CIRCC Datasheet HTML 70Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
66
OUTPUT MULTIPLEXER
The
Output
Multiplexer
routes
the
active
encoder/decoder to one of three CIrCC serial
communications ports. There are no restrictions
on any of these connections other than Rx/Tx
source pairs go to the same destination (Figure
36).
Descriptions of the Block Control, Output
Mux, and Aux IR signals can be found in the
SCE Configuration Registers in Register Block
One.
The Rx and Tx Polarity controls determine the
active states for the IR port signals, see SCE
Configuration Register A. The state of inactive
IR outputs depends upon the Tx Polarity bit; e.g.,
if Tx Polarity is one (default), inactive outputs will
be 0.
Routing for the COM Port flow-control
signals is fixed. When the COM Port is inactive,
the flow-control signals behave according to the
current SMSC 16C550A serial port specification.
NOTE: The Tx/Rx Polarity bits do not apply when
COM mode is selected.
NOTE: This figure is for illustration purposes only and is not intended to suggest specific implementation
details.
nCTS
nDCD
IRRx
IRTx
ARx
ATx
CRx
CTx
nDSR
nRTS
nDTR
nRI
1 to 3
Demux.
3 to 1
Mux.
1 to 6
Demux.
6 to 1
Mux.
2 to 1
Mux.
Raw Rx
Raw Tx
CIR Rx
CIR Tx
ASK Rx
ASK Tx
IrDA SIR Rx
IrDA SIR Tx
COM Rx
COM Tx
Output
Mux.
2
4
Block
Control
Aux.
IR
1
IR
Port
AUX
Port
COM
Port
1
Tx
Polarity
1
Rx
Polarity
FIGURE 36 - OUTPUT MUX WITH TRANSMIT PULSE WIDTH LIMITER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com