Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 32 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 28Page - SMSC Corporation IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation IRCC2.0 Datasheet HTML 34Page - SMSC Corporation IRCC2.0 Datasheet HTML 35Page - SMSC Corporation IRCC2.0 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
32
REGISTER BLOCK ONE
Register Block One contains the SCE control
registers (Table 18).
Typically, the controls in
Register Block One are needed to configure the
SCE before message transactions can occur.
Bits and registers marked “reserved” in the table
below cannot be written and return 0s when read.
Programmers must set reserved bits to 0 (zero)
when writing to registers that contain reserved
bits.
Table 18 - Register Block One
Address
Directio
n
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
SCE Configuration Register A
'02'hex
aux
ir
block control
bits
half
duplx
tx po-
larity
rx po-
larity
0
0
1
R/W
SCE Configuration Register B
'00'hex
output mux
bits
loop-
back
lpbck
tx crc
no
wait
string
move
dma
burst
dma
enable
0
1
0
R/W
FIFO Threshold Register
'00'hex
0
1
1
RO
FIFO COUNT
'00'hex
FC7
FC6
FC5
FC4
FC3
FC3
FC1
FC0
1
0
0
R/W
Message Byte-Count (low byte)
'00'hex
MBC
7
MBC
6
MBC
5
MBC
4
MBC
3
MBC
2
MBC
1
MBC
0
1
0
1
R/W
Message Byte-Count (high byte)
'00'hex
reserved
MBC
11
MBC
10
MBC
9
MBC
8
1
1
0
R/W
SCE Configuration Register C
'03'hex
MFW
tx pw
limit
rx pw
reject
reserved
DMA Refresh
Count
SCE Configuration Register A (Address 0)
Auxiliary IR, bit 7
When the Auxiliary IR bit is one and the active
device is routed through the Output Multiplexer to
the IR Port or the COM Port, the transmit signal
also appears at the Auxiliary Port.
Block Control, bits 3 - 6
The Block Control bits select one of the eight
IrCC 2.0 operational modes (Table 19).
The
three low-order Block Control bits are equivalent
to the IR Mode bits in the chip-level configuration
space of earlier devices; e.g., the FDC37C93x IR
Option Register, Serial Port 2, Logical Device 5,
Register 0xF1.
Provisions have been made in
legacy
devices
to
accommodate
IR
Mode
selection
through
either
the
chip-level
configuration registers or the IrCC 2.0 Block
Control bits; i.e., the last write from either source
determines the current mode selection and is
visible in both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com