Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 1 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 1 Page - SMSC Corporation

  IRCC2.0 Datasheet HTML 1Page - SMSC Corporation IRCC2.0 Datasheet HTML 2Page - SMSC Corporation IRCC2.0 Datasheet HTML 3Page - SMSC Corporation IRCC2.0 Datasheet HTML 4Page - SMSC Corporation IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
IrCC 2.0
PRELIMINARY
Infrared Communications Controller
FEATURES
•
Multi-Protocol Serial Communications
Controller
•
Full IrDA v1.1 Implementation: 2.4 kbps -
115.2 kbps, 0.576 Mbps, 1.152 Mbps and 4
Mbps
•
Consumer Infrared (Remote Control)
Interface
•
SHARP Amplitude Shift Keyed Infrared
(ASK IR) Interface
•
Direct Rx/Tx Infrared Diode Control (Raw)
and General Purpose Data Pins
•
Programmable High-Speed Synchronous
Communications Engine (SCE) with a 128-
Byte FIFO and Programmable Threshold
•
Programmable DMA Refresh Counter
•
High-Speed NS16C550A-Compatible
Universal Asynchronous Receiver/
Transmitter Interface (ACE UART) with 16-
Byte Send and Receive FIFOs
•
ISA Single-Byte and Burst-Mode DMA and
Interrupt-Driven Programmed I/O with Zero
Wait State and String Move Timing
•
16 Bit CRC-CCITT and 32 Bit IEEE 802
CRC32 Hardware CRC Generators
•
Automatic Transceiver Control
•
Transmit Pulse Width Limiter
•
SCE Transmit Delay Timer
•
IR Media Busy Indicator
GENERAL DESCRIPTION
This
document
describes
the
Infrared
Communications Controller (IrCC 2.0) function,
which is common to a number of SMSC
products.
The IrCC 2.0 consists of two main
architectural blocks: the ACE 16C550A UART
and a Synchronous Communications Engine
(SCE) (Figure 2).
It’s own unique register set
supports each block.
The IrCC 2.0 UART-driven IrDA SIR and SHARP
ASK
modes
are
backward
compatible
with current SMSC Super I/O and Ultra I/O
infrared implementations.
The IrCC 2.0 SCE
supports IrDA v1.1 0.576 Mbps, 1.152 Mbps, 4
Mbps, and Consumer IR modes. All of the SCE-
driven modes can use DMA. The IrCC 2.0 offers
flexible signal routing and programmable output
control through the Raw mode interface, General
Purpose Data pins and Output Multiplexer. Chip-
level address decoding is required to access the
IrCC 2.0 register sets.


Similar Part No. - IRCC2.0

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
More results

Similar Description - IRCC2.0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
CAM35C44 SMSC-CAM35C44 Datasheet
206Kb / 50P
Infrared Communications Controller Chip CameraFR
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
SMSC Corporation
CIRCC SMSC-CIRCC Datasheet
310Kb / 70P
Consumer Infrared Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044_10 Datasheet
597Kb / 65P
SDLC Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com