Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 85 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 79Page - SMSC Corporation IRCC2.0 Datasheet HTML 80Page - SMSC Corporation IRCC2.0 Datasheet HTML 81Page - SMSC Corporation IRCC2.0 Datasheet HTML 82Page - SMSC Corporation IRCC2.0 Datasheet HTML 83Page - SMSC Corporation IRCC2.0 Datasheet HTML 84Page - SMSC Corporation IRCC2.0 Datasheet HTML 85Page - SMSC Corporation IRCC2.0 Datasheet HTML 86Page - SMSC Corporation IRCC2.0 Datasheet HTML 87Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
85
AC TIMING
IR RX PULSE REJECTION
Table 37 - IR Rx Pulse Rejection
ENCODER
PULSE REJECTION
4PPM
1
≤60ns
HDLC 1.152 Mbps
≤100ns
HDLC 0.576Mbps
≤200ns
IrDA SIR
≤500ns
Consumer IR
≤166ns
Note 1: If RX PW REJECT is low (inactive) the 4PPM Rx pulse rejection filter is disabled although the
receiver must not see pulses less than TPW_MIN (See the IR Busy, bit 3 section on page 27).
RX PULSE JITTER TOLERANCE
Table 38 - RX Pulse Jitter Tolerance
MAX JITTER
4 Mbps
25ns
1.152 Mbps
100ns
115.2 Kbps
400ns
9.6 Kbps
5Fs
IRDA 4PPM
Bit Rate Tolerance
"0.01% of Bit Rate (IrDA Spec)
Rx Pulse Width
Table 39 - IrDA 4PPM Rx Pulse Width
MIN.
NOM.
MAX.
Single Pulse
75ns
125ns
175ns
Double Pulse
200ns
250ns
290ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com