Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 44 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 40Page - SMSC Corporation IRCC2.0 Datasheet HTML 41Page - SMSC Corporation IRCC2.0 Datasheet HTML 42Page - SMSC Corporation IRCC2.0 Datasheet HTML 43Page - SMSC Corporation IRCC2.0 Datasheet HTML 44Page - SMSC Corporation IRCC2.0 Datasheet HTML 45Page - SMSC Corporation IRCC2.0 Datasheet HTML 46Page - SMSC Corporation IRCC2.0 Datasheet HTML 47Page - SMSC Corporation IRCC2.0 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
44
ACE UART
The SMSC IrCC 2.0 incorporates one full function
UART compatible with the NS16450, the 16450
ACE registers and the NS16C550A. The UART
performs serial-to-parallel conversion on received
characters and parallel-to-serial conversion on
transmit
characters.
The
data
rates
are
independently programmable from 115.2K baud
down to 50 baud.
The character options are
programmable for 1 start; 1, 1.5 or 2 stop bits;
even, odd, sticky or no parity; and prioritized
interrupts. The UART contains a programmable
baud rate generator that is capable of dividing the
input clock or crystal by a number from 1 to 65535.
The UART is also capable of supporting the MIDI
data rate. Refer to the Configuration Register
section of the device data sheet for information on
disabling, power down and changing the base
address of the UART.
The interrupt from the
UART is enabled by programming OUT2 of the
UART to a logic "1".
OUT2 being a logic "0"
disables the UART's interrupt.
REGISTER DESCRIPTION
Addressing of the accessible registers of the Serial
Port is shown below. The configuration registers
define the base addresses of the serial ports. The
Serial Port registers are located at sequentially
increasing
addresses
above
these
base
addresses.
The SMSC IrCC 2.0 UART register
set is described below.
Table 30 - Addressing The Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write)
*Note: DLAB is Bit 7 of the Line Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com