Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 5 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 5 Page - SMSC Corporation

  IRCC2.0 Datasheet HTML 1Page - SMSC Corporation IRCC2.0 Datasheet HTML 2Page - SMSC Corporation IRCC2.0 Datasheet HTML 3Page - SMSC Corporation IRCC2.0 Datasheet HTML 4Page - SMSC Corporation IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
5
Table 4 - G. P. Port Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
Fast
1
Output
General Purpose Data
GP Data
1
Output
General Purpose Data
Fast
The Fast pin always reflects the state of Fast, bit
6 of SCE Line Control Register A. The state of
Fast is independent of the IrCC 2.0 Block
Controls or the Output Multiplexer. The Fast pin
can be used at the chip level for IR Transceiver
configuration.
GP Data
The G.P. Data pin typically reflects the state of
General Purpose Data, bit 5 of SCE Line Control
Register
A.
The
state
of
G.P.
Data
is
independent of the IrCC 2.0 Block Controls or
the Output Multiplexer but will depend on the
ATC during transceiver programming cycles (see
the Automatic Transceiver Control section on
page 69).
Table 5 - HOST Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
D0-D7
8
Bi-directional
Host Data Bus
A0-A2
3
Input
IrCC 2.0 Register Address Bus
nIOR
1
Input
ISA I/O Read
nIOW
1
Input
ISA I/O Write
AEN
1
Input
ISA Address Enable
DRQ
1
Output
DMA Request
nDACK
1
Input
ISA DMA Acknowledge
TC
1
Input
ISA DMA Terminal Count
IRQ
1
Output
Interrupt Request
IOCHRDY
1
Output
ISA I/O Channel Ready
nSRDY
1
Output
ISA Synchronous Ready (Zero Wait State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com