Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 79 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 75Page - SMSC Corporation IRCC2.0 Datasheet HTML 76Page - SMSC Corporation IRCC2.0 Datasheet HTML 77Page - SMSC Corporation IRCC2.0 Datasheet HTML 78Page - SMSC Corporation IRCC2.0 Datasheet HTML 79Page - SMSC Corporation IRCC2.0 Datasheet HTML 80Page - SMSC Corporation IRCC2.0 Datasheet HTML 81Page - SMSC Corporation IRCC2.0 Datasheet HTML 82Page - SMSC Corporation IRCC2.0 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 87 page
background image
79
Receive
Receiving messages with Programmed I/O using
FIFO Interrupt requires reading a fixed number of
data bytes, usually related to the threshold,
whenever the FIFO Interrupt becomes active.
An appropriate FIFO Threshold value allows the
host to efficiently satisfy the FIFO service
requests
until
the
message
reception
is
complete.
Example: Receive a 256-byte IrDA Message
1.
Set an appropriate FIFO Threshold for the
system type.
2.
Set the FIFO Interrupt Enable active and
enable the receiver.
3.
Service the FIFO Interrupts as required
(Figure 47).
Note: The amount of data
remaining in the FIFO following the last
service request (RxServReq) in Figure 47 is
probably less than the typical read block
size. This will occur when an IrDA EOF has
been detected, the FIFO Receive Threshold
has not been reached and the FIFO Not
Empty flag is true.
IOCHRDY Time-out
In programmed I/O mode when AEN = low and
String Move = active, IOCHRDY can be used to
slightly extend the access cycle if the FIFO is
temporarily unable to fulfill the transfer request
(Figure
48).
If
IOCHRDY
remains
inactive for more than 10Fs, a time-out error
occurs and subsequent IOCHRDY cycles are
prevented until the string move bit is specifically
reactivated.
Because of the 10Fs IOCHRDY
time-out, it is recommended that string move
timing only be used for 1.152 Mbps transfers and
above.
DMA Enable
IOR
String Move
Rx Enable
RxServReq
FIFO Int. Enable
FIFO Interrupt
EOM Interrupt
FIGURE 47 - INTERRUPT DRIVEN PROGRAMMED I/O RECEIVE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com