Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC2.0 Datasheet(PDF) 35 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation IRCC2.0 Datasheet HTML 34Page - SMSC Corporation IRCC2.0 Datasheet HTML 35Page - SMSC Corporation IRCC2.0 Datasheet HTML 36Page - SMSC Corporation IRCC2.0 Datasheet HTML 37Page - SMSC Corporation IRCC2.0 Datasheet HTML 38Page - SMSC Corporation IRCC2.0 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
35
No Wait, bit 3
When the No Wait bit is one, the ISA Bus
nSRDY signal goes active following the trailing
edge of the ISA I/O command and inactive
following the rising edge (see the Zero Wait State
Support section on page 80).
String Move, Bit 2
When
the
String
Move
bit
is
one,
the
programmed I/O host interface is qualified by
IOCHRDY (Table 23). See the IOCHRDY Time-
Out section on page 79.
DMA Burst Mode, bit 1
When the DMA Burst Mode bit is one, DMA
Burst (Demand) mode is enabled.
When the
DMA Burst Mode bit is zero, Single Byte DMA
mode is enabled (Table 23). See the DMA
section on page 73.
DMA Enable, bit 0
DMA Enable is connected to a signal in the
Interface Description called DMAEN that is used
by the chip-level interface to tristate the IrCC 2.0
DMA
controls
when
the
DMA interface
is
inactive. When the DMA Enable bit is one, the
DMA host interface is active (Table 23). See the
DMA section on page 73.
When the DMA
Enable bit is zero (default), the nDACK and TC
inputs are disabled and DRQ output is gated off.
Table 23 - I/O Interface Modes
STRING
MOVE
DMA
BURST
DMA
ENABLE
FUNCTION
0
X
0
Programmed I/O, no IOCHRDY
1
X
0
Programmed I/O, uses IOCHRDY
X
0
1
Single Byte DMA Mode
X
1
1
Demand Mode DMA
FIFO Threshold Register (Address 2)
The FIFO Threshold Register contains the
programmable FIFO threshold count (see the
FIFO Threshold section on page 72). The FIFO
Threshold is programmable from 0 to 127. Bit 7
in the FIFO Threshold register is read-only and
will always return zero. FIFO Threshold values
typically reflect the overall I/O performance
characteristics of the host; the lower the value,
the longer the interval between service requests
and the faster the host must be to successfully
service them. The same threshold value can be
used for both I/O read and I/O write cases.
FIFO COUNT Register (Address 3)
The
FIFO
COUNT
register
represents
the
remaining number of data bytes in the 128-byte
SCE FIFO. When the FIFO COUNT is 0x00 the
FIFO is empty. When the FIFO is full the FIFO
COUNT
is
0x80.
The
FIFO
COUNT
is
independent of the data flow direction.
For
example, if the FIFO COUNT is 0x0A during
transmit there are ten bytes to send; if the FIFO
COUNT is 0x0A during receive there are ten
bytes to read.
Message Byte Count Registers (Address 4
and 5)
The Message Byte Count registers are used to
program, retain and retrieve the number of Tx
and Rx message bytes in IrDA multi-frame
windows (see the Multi-Frame Window Support
section on page 67). The eight 12-bit Message
Byte Count registers are accessed through two
consecutive 8 bit registers at address 0x04 and
address 0x05. Access to any of these eight
registers is controlled by the write-only Line
Status Address Register at address 0x03 in
Register Block Zero; i.e., Message Byte Count
register addressing is achieved by the same
mechanism that controls access to the eight line
status registers. The actual byte count per
received message depends upon the value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com