Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 208 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 204Page - Texas Instruments AM62A7 Datasheet HTML 205Page - Texas Instruments AM62A7 Datasheet HTML 206Page - Texas Instruments AM62A7 Datasheet HTML 207Page - Texas Instruments AM62A7 Datasheet HTML 208Page - Texas Instruments AM62A7 Datasheet HTML 209Page - Texas Instruments AM62A7 Datasheet HTML 210Page - Texas Instruments AM62A7 Datasheet HTML 211Page - Texas Instruments AM62A7 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 238 page
background image
8.2 Processor Subsystems
8.2.1 Arm Cortex-A53 Subsystem
The SoC implements one cluster of quad-core Arm® Cortex®-A53 MPCore™, with 32KB L1 instruction, 32KB L1
data, per core and 512KB L2 shared cache.
The Cortex®-A53 cores are general-purpose processors that can be used for running customer applications.
The A53SS is built around the Cortex®-A53 MPCore™ (Arm®-A53 Cluster), which is provided by Arm and
configured by TI. It is based on the symmetric multiprocessor (SMP) architecture, and thus, it delivers high
performance and optimal power management, debug and emulation capabilities.
The A53 processor is a multi-issue out-of-order superscalar execution engine with integrated L1 Instruction
and Data Caches, compatible with Arm®v8-A architecture. It delivers significantly more performance than its
predecessors at a higher level of power efficiency.
The Arm®v8-A architecture brings a number of new features. These include 64-bit data processing, extended
virtual addressing and 64-bit general purpose registers. The A53 processor is Arm’s first Arm®v8-A processor
aimed at providing power-efficient 64-bit processing. It features an in-order, 8-stage, dual-issue pipeline, and
improved integer, Arm® Neon™, Floating-Point Unit (FPU) and memory performance.
The A53 CPU supports two execution states: AArch32 and AArch64. The AArch64 state gives the A53 CPU its
ability to execute 64-bit applications, while the AArch32 state allows the processor to execute existing Arm®v7-A
applications.
For more information, see Arm Cortex-A53 Subsystem section in Processors and Accelerators chapter in the
device TRM.
8.2.2 Device/Power Manager
The WKUP_R5FSS is a single-core implementation of the Arm® Cortex®-R5F processor that acts as the
Device Manager responsible for boot, resource management, and power management functions. It also includes
accompanying memories (L1 caches and tightly-coupled memories), standard Arm® CoreSight™™ debug and
trace architecture, integrated vectored interrupt manager (VIM), ECC aggregators, and various other modules for
protocol conversion and address translation for easy integration into the SoC.
For more information, see Device Manager Cortex R5F Subsystem section in Processors and Accelerators
chapter in the device TRM.
8.2.3 MCU Arm Cortex-R5F Subsystem
The MCU_R5FSS is an Arm® Cortex®-R5F based subsystem that can run safety processing or be used as
a general purpose MCU. The processor includes 32KB instruction Cache, 32KB data cache, and 64KB Tightly
Coupled Memory.
For more information, see Cortex R5F Subsystem section in Processors and Accelerators chapter in the device
TRM.
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
208
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com