Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 209 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 205Page - Texas Instruments AM62A7 Datasheet HTML 206Page - Texas Instruments AM62A7 Datasheet HTML 207Page - Texas Instruments AM62A7 Datasheet HTML 208Page - Texas Instruments AM62A7 Datasheet HTML 209Page - Texas Instruments AM62A7 Datasheet HTML 210Page - Texas Instruments AM62A7 Datasheet HTML 211Page - Texas Instruments AM62A7 Datasheet HTML 212Page - Texas Instruments AM62A7 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 238 page
background image
8.3 Accelerators and Coprocessors
8.3.1 C7xV-256 Deep Learning Accelerator
Single Core C7x/MMA subsystem with 32KB Instruction cache and 64KB data cache
8.3.2 Vision Pre-processing Accelerator
The Vision Pre-processing Accelerator (VPAC) subsystem is a set of common vision primitive functions,
performing pixel data processing tasks, such as: color processing and enhancement, noise filtering, wide
dynamic range (WDR) processing, lens distortion correction, pixel remap for de-warping, on-the-fly scale
generation, on-the-fly pyramid generation. The VPAC offloads these common tasks from the main SoC
processors (ARM, DSP, etc.), so these CPUs can be utilized for differentiated high-lelvel algorithms. The
VPAC is designed to support multiple cameras by working in time-multiplexing mode. The VPAC also includes
an imaging pipe, which can be integrated on-the-fly with external camera sensor, as well as does memory-to-
memory (M2M) processing on pixel data
The VPAC subsystem provides 4 processing blocks: Vision Imaging Sub-System (VISS), Lens Distortion
Correction (LDC), Multi-Scalar (MSC) and Noise Filter (NF), along with Hardware Thread Scheduler (HTS),
Load Store Engin (LSE), and 512 KB of internal L2 memory.
For more information, see Vision Pre-processing Accelerator (VPAC) section in Processors and Accelerators
chapter in the device TRM.
8.3.3 JPEG Encoder
The JPEG Encoder is a scalable performance still image encoder. It supports the JPEG baseline still image
encode. The source is raw picture data and the output is the fully constructed compressed image. The JPEG
Encoder receives the image source through the memory interface (via MMU). It supports 4:2:2 and 4:2:0 YCbCr
picture formats. As a coprocessor, the host processor needs only to manage the higher level control code
functions such as providing the image to encode and choosing compression settings.
For more information, see JPEG Encoder section in Processors and Accelerators chapter in the device TRM.
8.3.4 Video Accelerator
The Video Accelerator is a 4K codec that supports both HEVC and H.264/AVC video formats. It provides high
performance encode and decode capability up to 8bit 4K@60fps with a single-core architecture.
The Video Accelerator can encode and/or decode any resolution up to 8192 x 4320. It guarantees real-time
performance for encoding/decoding 4K 60fps based on its sophisticated, latency tolerant hardware architecture.
The Video Accelerator is highly optimized for memory bandwidth loading and excellent power management.
The Video Accelerator contains a 32-bit processor called V-CPU, which is responsible for parsing bitstream
syntax in decoder orencoding bitstream syntax in encoder from sequence to slice header unit, pre-scanning
slice data, controlling the underlying video hardware blocks called V-CORE. The V-CPU also communicates with
host CPU through host register interface. The V-CORE performs actual processing of coded slice data: entropy
decoding, inverse scan, inverse transform/quantization, motion compensation, and loop filtering in decoder and
motion estimation, intra prediction, RDO, and entropy coding in encoder. This software and hardware combined
architecture can provide flexibility and high throughput at the same time.
For more information, see Video Accelerator section in Processors and Accelerators chapter in the device TRM.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
209
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com