Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4080BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 40Page - Analog Devices AD4080BBCZ Datasheet HTML 41Page - Analog Devices AD4080BBCZ Datasheet HTML 42Page - Analog Devices AD4080BBCZ Datasheet HTML 43Page - Analog Devices AD4080BBCZ Datasheet HTML 44Page - Analog Devices AD4080BBCZ Datasheet HTML 45Page - Analog Devices AD4080BBCZ Datasheet HTML 46Page - Analog Devices AD4080BBCZ Datasheet HTML 47Page - Analog Devices AD4080BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. 0 | 44 of 95
Echo Clock Mode
In LVDS data interface mode, the DCO+ and DCO− pin pair
is an echo clock output that provides a buffered and delayed
version of CLK+ and CLK− pin pair, facilitating data clocking to
the host controller data clocking. This feature is controlled by the
LVDS_SELF_CLK_MODE bit in the ADC Data Interface Configura-
tion B register (see the ADC Data Interface Configuration B Regis-
ter section, Address 0x16). By default, echo clock mode is active
(LVDS_SELF_CLK_MODE = 0). Setting LVDS_SELF_CLK_MODE
= 1 disables the DCO+ and DCO− output driver, putting the device
in self clock mode (see the Self Clock Mode section) .
When echo clock mode is active, the interface requires a minimum
of three LVDS pairs (CLK+ and CLK−, DCO+ and DCO−, and DA+
and DA−) to be connected between the host controller and the
AD4080. A maximum of five LVDS pairs are required if the CNV+
and CNV− pin pair is configured as an LVDS input and the DB+ and
DB− data lane is enabled. The conversion clock (CNV+ and CNV−)
and data clock (CLK+ and CLK−) can be shared amongst multiple
AD4080 devices as long as care is taken to fanout the clock
network, such that the edge placement requirement is satisfied.
In echo clock mode, data from enabled lanes is clocked out in
sync to both rising and falling edges of DCO+ and DCO− in a
DDR scheme. Figure 72 and Figure 73 illustrate the relevant LVDS
interface timing with respect to the DCO+ and DCO− echo clock for
single lane and dual lane configurations, respectively. Calculation
of tMSB_READ is described in the ADC Result Latency and LVDS
Interface Alignment section.
Consider matching the data clock (DCO+ and DCO−) and data
lane (DA+ and DA−, DB+ and DB−) lane routing from the ADC to
the host processor for the physical layout to minimize timing skew,
which may affect data recovery in the host. For additional routing
suggestions, see the Layout Guidelines section.
Figure 72. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Echo Clock Mode
Figure 73. Continuous Conversion Timing, LVDS Data Interface, Dual Data Lane, Echo Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com