| Electronic Components Datasheet Search |
|
AD4080BBCZ Datasheet(PDF) 57 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4080BBCZ Datasheet(HTML) 57 Page - Analog Devices |
|
57 / 95 page ![]() Data Sheet AD4080 DIGITAL FEATURES analog.com Rev. 0 | 57 of 95 FIFO Event Detection The FIFO is configured for capture in event detection mode (FIFO_MODE = 10 or FIFO_MODE = 11, the following event detec- tion options (see the Table 26 section) are available. The general configuration register (Address 0x1C) contains the in- ternal event enable bit (INT_EVENT_EN) which determines wheth- er the AD4080 FIFO is to respond to an external or internal event trigger. The default state of this bit on power on and reset is INT_EVENT_EN = 0, which is configured for an external event. Asynchronous Data Capture To use the FIFO for asynchronous capture, first write to the FIFO watermark register (see the FIFO Watermark Register section, Address 0x1D) with the number of conversions to be captured in each burst; any integer between 1 and 16,384 can be entered. If using GPIO to pass the FIFO status bits to the host controller, program those selections into the GPIO configuration registers prior to initiating the capture. Refer to the GPIO Pins sections for further detail on GPIO configuration. The final steps in initiating an asynchronous capture into the data FIFO include enabling the FIFO and then starting the conversion clock. To enable the data FIFO in the general configuration register (see the General Configuration Register section, Address 0x1C), the FIFO_MODE bits must be set to immediate trigger mode (01). In this mode, the FIFO stores the results of the most recent FIFO_WATERMARK samples and then automatically disables cap- ture into the memory. The results can then be accessed through the SPI data interface or LVDS interface. When the FIFO is enabled, each conversion result is loaded into the internal memory on the rising edge of the convert start signal, CNV. Internal timing dictates that FIFO_WATERMARK + three con- version clocks are required to write FIFO_WATERMARK sample results into the FIFO memory. See Figure 85 and Figure 86 for additional information. The Figure 84 timing diagram shows an example where FIFO_WA- TERMARK is set to 1000, and the first ADC results after the event occurred is captured by the FIFO after the third CNV. After N = 1000, that is, it has reached the FIFO_WATERMARK value, FIFO_FULL is asserted, and data stops being captured into the FIFO. Figure 84. FIFO Data Capture Example, WATERMARK = 1000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |