Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 42 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 38Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 39Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 40Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 41Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 42Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 43Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 44Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 45Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
42
Confidential
5.2.3.6
ModWidth Register
selects the width of the modulation pulse.
Name: ModWidth
Address: 0x15
Reset value: 00010011, 0x13
7
6
5
4
3
2
1
0
ModWidth
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-0
ModWidth
This register defines the width of the modulation pulse according to
Tmod = 2⋅(ModWidth +1) / fc.
5.2.3.7
ModWidthSOF Register
Name: ModWidthSOF
Address: 0x16
Reset value: 00111111, 0x3F
7
6
5
4
3
2
1
0
ModWidthSOF
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-0
ModWidthSOF
This register defines the width of the modulation pulse for SOF
Tmod = 2⋅(ModWidth +1) / fc .
Register setting:
MIFARE® & ISO14443: 0x3F(Modulation width SOF: 9.44
µs).
I•CODE1 Standard Mode: 0x3F (Modulation width SOF: 9.44
µs).
I
•CODE
1 Fast Mode: 0x73 (Modulation width SOF: 18.88
µs).
ISO 15693: 0x3F (Modulation width SOF: 9.44
µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com