Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 22 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 18Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 19Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 20Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 21Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 22Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 23Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 24Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 25Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
22
Confidential
5.1.1
REGISTER BIT BEHAVIOUR
Bits and flags for different registers behave differently, depending on their functions. In principle bits with
same behaviour are grouped in common registers.
Abbreviation
Behaviour
Description
r/w
read and
write
These bits can be written and read by the µ-Processor. Since they are used
only for control means, there content is not influenced by internal state
machines, e.g. the TimerReload-Register may be written and read by the µ-
Processor. It will also be read by internal state machines, but never changed by
them.
dy
dynamic
These bits can be written and read by the µ-Processor. Nevertheless, they may
also be written automatically by internal state machines, e.g. the Command-
Register changes its value automatically after the execution of the actual
command.
r
read only
These registers hold flags, which value is determined by internal states only,
e.g. the ErrorFlag-Register can not be written from external but shows internal
states.
w
write only
These registers are used for control means only. They may be written by the µ-
Processor but can not be read. Reading these registers returns an undefined
value, e.g. the TestAnaSelect-Register is used to determine the signal on pin
AUX, but it is not possible to read its content.
Table 5-2: Behaviour of Register Bits and its Designation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com