Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 89 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 89Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
89
Confidential
9.2.4
STATUS OF THE TIMER UNIT
The TRunning bit in the SecondaryStatus Register shows the timer’s current status. Any configured start
event starts the timer at the TReloadValue and changes the status flag TRunning to 1, any configured stop
event stops the timer and sets the status flag TRunning back to 0. As long as status flag TRunning is set to
1, the TimerValue Register changes with the next timer unit clock.
The actual timer unit content can be read directly via the TimerValue Register.
9.2.5
TIMESLOTPERIOD
For sending of I•CODE1-Quit-Frames it is necessary to generat a exact chronological relation to the begin of
the command frame.
Is TimeSlotPeriod > 0, with the end of command transmission the TimeSlotPeriod starst.
If there are Data in the FIFO after reaching the end of TimeSlotPeriod, these data were sent at that moment.
If the FIFO is empty nothing happens.
As long as the contend of TimeSlotPeriod is > 0 the counter for the TimeSlotPeriod will start automatically
after reaching the end.
This allows a exact time relation to the end (as well as to the beginning) of the command frame for the
generation and sending of the I
•CODE1-Quit-Frames
Is TimeSlotPeriod > 0 the next Frame starts exact with the interval
TimeSlotPeriod/CoderRate
delayed after each previous Send Frame. CoderRate defines the clock frequency of the coder.
If TimeSlotPeriod = 0, the send function will not be triggered automatically.
The content of the register TimeSlotPeriod can be changed during the active mode. The modification take
effect at the next restart of the TimeSlotPeriod.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com