Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 84 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 85Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 86Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 87Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
84
Confidential
8.2
Implementation of Interrupt Request Handling
8.2.1
CONTROLLING INTERRUPTS AND THEIR STATUS
The CL RC632 informs the µ-Processor about the interrupt request source by setting the according bit in the
InterruptRq Register. The relevance of each interrupt request bit as source for an interrupt may be masked
with the interrupt enable bits of the InterruptEn Register.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
InterruptEn
SetIEn
rfu
TimerIEn
TxIEn
RxIEn
IdleIEn
HiAlertIEn
LoAlertIEn
InterruptRq
SetIRq
rfu
TimerIRq
TxIRq
RxIRq
IdleIRq
HiAlertIRq
LoAlertIRq
Table 8-2: Interrupt Control Registers
If any interrupt request flag is set to 1 (showing that an interrupt request is pending) and the corresponding
interrupt enable flag is set the status flag IRq in the PrimaryStatus Register is set to 1. Furthermore different
interrupt sources can be set active simultaneously. Therefore, all interrupt request bits are ‘OR’ed and
connected to the flag IRq and forwarded to pin IRQ.
8.2.2
ACCESSING THE INTERRUPT REGISTERS
The interrupt request bits are set automatically by the internal state machines of the CL RC632. Additionally
the µ-Processor has access in order to set or to clear them.
A special implementation of the InterruptRq and the InterruptEn Register allows the change a single bit
status without influencing the other ones. If a specific interrupt register shall be set to one, the bit SetIxx has
to be set to 1 and simultaneously the specific bit has to be set to 1 too. Vice versa, if a specific interrupt flag
shall be cleared, a zero has to be written to the SetIxx and simultaneously the specific address of the
interrupt register has to be set to 1. If a bit content shall not be changed during the setting or clearing phase
a zero has to be written to the specific bit location.
Example: writing 3Fhex to the InterruptRq Register clears all bits as SetIRq in this case is set to 0 and all
other bits are set to 1. Writing 81hex sets bit LoAlertIRq to 1 and leaves all other bits untouched.
8.3
Configuration of Pin IRQ
The logic level of the status flag IRq is visible at pin IRQ. In addition, the signal on pin IRQ may be controlled
by the following bits of the IRQPinConfig Register:
•
IRQInv: if set to 0, the signal on pin IRQ is equal to the logic level of bit IRq.
If set to 1, the signal on pin IRQ is inverted with respect to bit IRq.
•
IRQPushPull: if set to 1, pin IRQ has standard CMOS output characteristics
otherwise it is an open drain output and an external resistor is necessary to achieve a HIGH level at this
pin.
Note: During the Reset Phase (see 11.2) IRQInv is set to 1 and IRQPushPull to 0. This results in a high
impedance at pin IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com