Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 96 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 93Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 94Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 95Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 96Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 97Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 98Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 99Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
96
Confidential
11.4 Initialising the Parallel Interface-Type
For the different connections for the different µ-Processor interface types (see 4.3), a certain initialising
sequence shall be applied to enable a proper µ-Processor interface type detection and to synchronise the
µ-Processor’s and the CL RC632’s Start Up.
During the whole Start Up Phase, the Command value reads as 3Fhex. At the end of the Initialising Phase the
CL RC632 enters the Idle Command automatically. Consequently the Command value changes to 00hex.
To ensure proper detection of the µ-Processor interface, the following sequence shall be executed:
• Read from the Command-Register until the 6 bit register value for Command is 00hex.
The internal initialisation phase is now completed and the CL RC632 is ready to be controlled.
• Write the value 80hex to the Page-Register to initialise the µ-Processor interface.
• Read the Command-Register. If its value is 00hex the µ-Processor interface initialisation was
successful.
Having done the interface initialisation, the linear addressing mode can be activated by writing 0x00 to the
page register(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com