| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 18 Confidential Remarks for SPI: The implemented SPI interface is according to a standard SPI interface. The CL RC632 can only be addressed as a slave. Read data: To read out data using the SPI interface the following structure has to be used. It is possible to read out up to n-data bytes. The first sent byte defines both, the mode itself and the address. byte 0 byte 1 byte 2 …….. byte n byte n+1 MOSI adr 0 adr 1 adr. 2 ……. adr n 00 MISO XX data 0 data 1 …… data n-1 data n The address byte has to fulfil the following format. The MSB bit of the first byte sets the used mode. To read data from the CL RC632 the MSB bit is set to 1. The bits 6-1 define the address and the last bit should be set to 0. According to scheme above, the last sent byte has been set to 0. Address (MOSI) bit 7, MSB bit 6 - bit 1 bit 0 byte 0 1 address RFU (0) byte 1 to byte n RFU (0) address RFU (0) byte n+1 0 0 0 Write data: To write data to the CL RC632 using the SPI interface the following structure has to be used. It is possible to write out up to n-data bytes. The first send byte defines both, the mode itself and the address. byte 0 byte 1 byte 2 ………. byte n byte n+1 MOSI adr data 0 data 1 ………. data n-1 data n MISO XX XX XX ………. XX XX The address byte has to fulfil the following format. The MSB bit of the first byte sets the used mode. To write data to the CL RC632 the MSB bit is set to 0. The bits 6-1 define the address and the last bit should be set to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |