| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 83 Page - NXP Semiconductors |
|
83 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 83 Confidential 8 INTERRUPT REQUEST SYSTEM 8.1 Overview The CL RC632 indicates certain events by setting bit IRq in the PrimaryStatus-Register and, in addition, by activating pin IRQ. The signal on pin IRQ may be used to interrupt the µ-Processor using its interrupt handling capabilities. This allows the implementation of efficient µ-Processor software. 8.1.1 INTERRUPT SOURCES OVERVIEW The following table shows the integrated interrupt flags, the related source and the condition for its setting. The interrupt flag TimerIRq indicates an interrupt set by the timer unit. The setting is done when the timer decrements from 1 either down to zero (TAutoRestart flag disabled) or to the TPreLoad value if TAutoRestart is enabled. The TxIRq bit indicates interrupts from different sources. If the transmitter is active and the state changes from sending data to transmitting the end of frame pattern, the transmitter unit sets automatically the interrupt bit. The CRC coprocessor sets TxIRq after having processed all data from the FIFO buffer. This is indicated by the flag CRCReady = 1. If the E 2Prom programming has finished the TxIRq bit is set, indicated by the bit E2Ready = 1. The RxIRq flag indicates an interrupt when the end of the received data is detected. The flag IdleIRq is set if a command finishes and the content of the command register changes to idle. The flag HiAlertIRq is set to 1 if the HiAlert bit is set to one, that means the FIFO buffer has reached the level indicated by the bit WaterLevel, see chapter 7.4. The flag LoAlertIRq is set to 1 if the LoAlert bit is set to one, that means the FIFO buffer has reached the level indicated by the bit WaterLevel, see chapter 7.4. Interrupt Flag Interrupt Source Is set automatically, when TimerIRq Timer Unit the timer counts from 1 to 0 Transmitter a data stream, transmitted to the card, ends CRC-Coprocessor all data from the FIFO buffer has been processed TxIRq E²PROM all data from the FIFO buffer has been programmed RxIRq Receiver a data stream, received from the card, ends IdleIRq Command Register a command execution finishes HiAlertIRq FIFO-buffer the FIFO-buffer is getting full LoAlertIRq FIFO-buffer the FIFO-buffer is getting empty Table 8-1: Interrupt Sources |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |