Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC63201T/0FE Datasheet(PDF) 94 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 90Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 91Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 92Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 93Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 94Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 95Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 96Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 97Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
94
Confidential
10.3 Stand By Mode
The Stand By-mode is entered immediately by setting bit StandBy in the Control-Register. All internal current
sinks are switched off (including the internal digital clock buffer but except the oscillator buffer).
Different from the Hard Power Down-Mode, the digital input-buffers are not separated by the input pads and
keep their functionality. The digital output pins do not change their state.
Different from the Soft Power Down-Mode, the oscillator does not need time to wake up.
After resetting bit StandBy in the Control-Register it needs 4 clocks on pin OSCIN until the Stand By-Mode is
left indicated by the StandBy bit itself. Resetting it does not immediately clear it. It is cleared automatically by
the CL RC632 when the Stand By-Mode is left.
10.4 Receiver Power Down
It is power saving to switch off the receiver circuit when it is not needed and switched it on again right before
data is to be received from the card. This is done automatically by setting bit RxAutoPD to 1. If it is set to 0
the receiver is continuously switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com