| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 95 Page - NXP Semiconductors |
|
95 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 95 Confidential 11 START UP PHASE The phases executed during the start up are shown in the following figure. 11.1 Hard Power Down Phase The Hard Power Down Phase is active during the following cases: • Power On Reset caused by power up at pin DVDD (active while DVDD is below the digital reset threshold) • Power On Reset caused by power up at pin AVDD (active while AVDD is below the analog reset threshold) • A HIGH level on pin RSTPD (active while pin RSTPD is HIGH) 11.2 Reset Phase The Reset Phase follows the Hard Power Down Phase automatically. One’s the oscillator is running stable, it takes 512 clocks. During the Reset Phase, some of the register bits are pre-set by hardware. The respective reset values are given in the description of each register (see 5.2.). Note: If the internal oscillator is used, you have to take into account that it is supplied by AVDD and that it will take a certain time tosc until the oscillator is stable. 11.3 Initialising Phase The Initialising Phase follows the Reset Phase automatically. It takes 128 clocks. During the Initialising Phase the content of the E²PROM blocks 1 and 2 is copied into the registers 10hex to 2Fhex. (see 6.3) Note: At production test, the CL RC632 is initialised with default configuration values. This reduces the µ-Processors effort for configuring the device to a minimum. Hard Power Down Phase Reset Phase Initialising Phase Ready Start Up Phase t PD t Reset t Init States Figure 11-1: Start Up Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |