Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 45 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 41Page - STMicroelectronics M24M02E-F Datasheet HTML 42Page - STMicroelectronics M24M02E-F Datasheet HTML 43Page - STMicroelectronics M24M02E-F Datasheet HTML 44Page - STMicroelectronics M24M02E-F Datasheet HTML 45Page - STMicroelectronics M24M02E-F Datasheet HTML 46Page - STMicroelectronics M24M02E-F Datasheet HTML 47Page - STMicroelectronics M24M02E-F Datasheet HTML 48Page - STMicroelectronics M24M02E-F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
Table 24. WLCSP5 (CS) with BSC - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
0.520
0.555
0.590
0.0205
0.0219
0.0232
A1
0.180
0.200
0.220
0.0071
0.0079
0.0087
A2
0.305
0.330
0.355
0.0120
0.0130
0.0140
A3
-
0.250
-
-
0.0098
-
Ø b(3)(4)
0.250
0.270
0.290
-
0.0106
0.0114
D
1.550
1.570
1.590
-
0.0618
0.0626
E
1.842
1.862
1.882
-
0.0733
0.0741
e
-
0.800
-
-
0.0315
-
F
-
0.531
-
-
0.0209
-
G
-
0.385
-
-
0.0152
-
H
-
0.566
-
-
0.0223
-
N(5)
5
aaa
-
-
0.11
-
-
0.0043
bbb
-
-
0.11
-
-
0.0043
ccc
-
-
0.11
-
-
0.0043
ddd
-
-
0.06
-
-
0.0024
1. Values in inches are converted from mm and rounded to four decimal digits.
2. A1, A2, and A3 have their own specification. The sum of all of them must comply with the A min and max spec.
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
4. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
5. N represents the total number of balls.
M24M02E-F
Package information
DS14157 - Rev 2
page 45/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com