Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 13Page - STMicroelectronics M24M02E-F Datasheet HTML 14Page - STMicroelectronics M24M02E-F Datasheet HTML 15Page - STMicroelectronics M24M02E-F Datasheet HTML 16Page - STMicroelectronics M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics M24M02E-F Datasheet HTML 19Page - STMicroelectronics M24M02E-F Datasheet HTML 20Page - STMicroelectronics M24M02E-F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
6.2
Write operations on features
6.2.1
Write operation on DTI register
Write operations on the device type identifier (DTI) register are not allowed.
The register is delivered locked in read-only.
6.2.2
Write operation on CDA register
Write operations on the configurable device address register are performed according to the state of the device
address lock bit (DAL) or the status of the WC line.
If the configurable device address register is write protected by software with DAL = 1 or hard protected with WC
line driven high, the write operation on this register is not executed and the accompanying data byte is not
acknowledged as shown in Figure 9.
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this, as shown in Figure 8, and waits for the address bytes where the register is located.
The device responds to each address byte with an acknowledge bit, and then waits for the data byte. See in
Table 9, Table 10, and Table 11 how to address the configurable device address register.
When the bus controller generates a stop condition immediately after the data byte ACK bit (in the tenth bit time
slot), the internal write cycle tW is triggered. A stop condition at any other time slot does not trigger the internal
write cycle.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests (NO ACK).
If the bit C2 has been reconfigured with a correct write command, the device acknowledges if the chip enable
address of the device select code is equal to the new value of C2, otherwise no ACK. Sending more than one
byte aborts the write cycle (configurable device address content does not change). Bits (C2, DAL) can be updated
(DAL = 0 to 1) in the same program instruction.
Figure 8. Write CDA register (data write enabled)
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
ACK
Figure 9. Write CDA register (data write inhibited)
Byte addr
Data in
ACK
ACK
ACK
NO ACK
R/W
Byte addr
Dev sel
M24M02E-F
Instructions
DS14157 - Rev 2
page 17/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com