Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics M24M02E-F Datasheet HTML 10Page - STMicroelectronics M24M02E-F Datasheet HTML 11Page - STMicroelectronics M24M02E-F Datasheet HTML 12Page - STMicroelectronics M24M02E-F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Table 8. Software write protection register description
Bit
Function
Bits b7 to b4
•
Don’t care bits. Read as 0. (b7, b6, b5, b4) = (0, 0, 0, 0)
Bits b3
WPA: Write protect activation bit.
b3 enables or disables the write protection:
•
b3 = 0: no write protection. The whole memory can be written.
•
b3 = 1: write protection active. The memory block is protected according to BP bits setting.
Bits b2 to b1
BP1, BP0: block protection bits
b2 and b1 define the size of the memory block to be protected against write instruction:
•
(b2, b1) = (0, 0): the upper quarter of memory is write-protected
•
(b2, b1) = (0, 1): the upper half of memory is write protected
•
(b2, b1) = (1, 0): the upper ¾ of memory is write protected
•
(b2, b1) = (1, 1): the whole memory is write protected
Bit b0
WPL: write protection lock bit
b0 locks the write protection register value.
•
b0 = 0: bits [b3: b0] can be modified
•
b0 = 1: bits [b3: b0] cannot be modified and therefore the write protection register is frozen.
Note: bits b3 to b0 can be updated (if b0 = 0) in the same write instruction. Setting b0 from 0 to 1 is an
irreversible action.
4.4
Identification page
The identification page (256-byte) is an additional page that can be read or written and can later be permanently
locked in read-only mode. It is read or written by issuing the read or write identification page instruction. These
instructions use the same protocol and format as the random address read or page write (from memory array)
except for the following differences (refer to Table 9, Table 10, and Table 11):
•
Device type identifier = 1011
•
MSB address bits A15, A14, and A13 must be equal to 000
•
MSB address bits from A12 to A8 are don't care
•
LSB address bits from A7 to A0 define the byte address inside the identification page
If the identification page is locked, the data bytes transferred during the write identification page instruction are not
acknowledged (NO ACK).
The identification page is filled with all bytes written to FFh.
M24M02E-F
Device features
DS14157 - Rev 2
page 9/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com