Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics M24M02E-F Datasheet HTML 19Page - STMicroelectronics M24M02E-F Datasheet HTML 20Page - STMicroelectronics M24M02E-F Datasheet HTML 21Page - STMicroelectronics M24M02E-F Datasheet HTML 22Page - STMicroelectronics M24M02E-F Datasheet HTML 23Page - STMicroelectronics M24M02E-F Datasheet HTML 24Page - STMicroelectronics M24M02E-F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
6.2.5
Lock operation on identification page
The lock identification page instruction (lock ID) permanently locks the identification page in read-only mode.
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this, as shown in Figure 14, and waits for the address bytes where the identification page is
located. The device responds to each address byte with an acknowledge bit, and then waits for a specific data
byte value. See in Table 9, Table 10, and Table 11 how to address the identification page.
The data byte must be equal to the binary value xxxx xx1x, where x is don't care.
When the bus controller generates a stop condition immediately after the data byte ACK bit (in the tenth bit time
slot), the internal write cycle tW is triggered. A stop condition at any other time slot does not trigger the internal
write cycle.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests (NO ACK).
If the identification page is already locked or hard write protected with WC line driven high, the write operation is
not executed and the accompanying data bytes are not acknowledged as shown in Figure 15.
Figure 14. Lock operation on identification page (unlocked or data write enabled)
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
ACK
Figure 15. Lock operation on identification page (already locked or data write inhibited)
Byte addr
Data in
ACK
ACK
ACK
NO ACK
R/W
Byte addr
Dev sel
M24M02E-F
Instructions
DS14157 - Rev 2
page 21/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com