Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics M24M02E-F Datasheet HTML 32Page - STMicroelectronics M24M02E-F Datasheet HTML 33Page - STMicroelectronics M24M02E-F Datasheet HTML 34Page - STMicroelectronics M24M02E-F Datasheet HTML 35Page - STMicroelectronics M24M02E-F Datasheet HTML 36Page - STMicroelectronics M24M02E-F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Table 16. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4.000.000
Write cycle(2)
TA = 85 °C, VCC(min) < VCC < VCC(max)
1.200.000
1. The write cycle endurance is defined by characterization and qualification. For devices embedding the ECC functionality, the
write cycle endurance is defined for a group of four bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an
integer.
2. A Write cycle is executed when either a page write, a byte write, a write registers, a write identification page or a lock
identification page instruction is decoded. When using the byte write, the page write or the write identification page, refer
also to Section 6.3: ECC (error correction code) and write cycling.
Table 17. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
TA = 55 °C
200
Year
1. The data retention behavior is checked in production, while the data retention limit defined in this table is extracted from the
characterization and qualification results.
Table 18. DC characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
device in standby mode
-
± 2
µA
ILO
Output leakage current
SDA in high-Z, external voltage applied on SDA: VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
fC = 400 kHz
-
0.5
mA
fC = 1 MHz
-
1
mA
ICC0
Supply current (write)
Averaged on TW, VCC ≤ 3.3 V
-
1.2(1)
mA
Averaged on TW, VCC > 3.3 V
-
2(1)
ICC1
Standby supply current
Device not selected (2),
VIN = VSS or VCC; VCC < 2.5 V
-
1
µA
Device not selected(2),
VIN = VSS or VCC; VCC ≥ 2.5 V
-
2
µA
VIL
Input low voltage
(SCL, SDA, WC)
1.6 V ≤ VCC < 2.5 V
-0.45
0.25 VCC
V
2.5 V ≤ VCC ≤ 5.5 V
-0.45
0.30 VCC
V
VIH
Input high voltage
(SCL, SDA)
1.6 V ≤ VCC < 2.5 V
0.75 VCC
6.5
V
2.5 V ≤ VCC ≤ 5.5 V
0.70 VCC
6.5
V
Input high voltage
(WC)
1.6 V ≤ VCC < 2.5 V
0.75 VCC VCC+0.6
V
2.5 V ≤ VCC ≤ 5.5 V
0.70 VCC VCC+0.6
V
VOL
Output low
IOL = 1 mA, VCC = 1.6 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-
0.4
V
1. Evaluated by characterization - Not tested in production.
2. The device is not selected after power-up, after a read instruction (after the stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
M24M02E-F
DC and AC parameters
DS14157 - Rev 2
page 33/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com