Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics M24M02E-F Datasheet HTML 32Page - STMicroelectronics M24M02E-F Datasheet HTML 33Page - STMicroelectronics M24M02E-F Datasheet HTML 34Page - STMicroelectronics M24M02E-F Datasheet HTML 35Page - STMicroelectronics M24M02E-F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics.
Table 13. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6
5.5
V
TA
Ambient operating temperature
-40
85
°C
fC
Operating clock frequency
-
1
MHz
Table 14. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
-
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
-
Input levels
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V
Figure 24. AC measurement I/O waveform
0.8 x Vcc
0.7 x Vcc
Input voltage levels
Input and output
timing reference levels
0.2 x Vcc
0.3 x Vcc
Table 15. Input parameters
Symbol
Parameter
Test condition
Min.
Max.
Unit
CIN(1)
Input capacitance (SDA)
-
-
8
pF
CIN(1)
Input capacitance (other pins)
-
-
6
pF
ZL(2)
Input impedance (WC)(3)
VIN < 0.3 VCC
30
-
kΩ
ZH(2)
VIN > 0.7 VCC
500
-
kΩ
1. Specified by design – Not tested in production.
2. Evaluated by characterization – Not tested in production.
3. The memory is selected (after a start condition).
M24M02E-F
DC and AC parameters
DS14157 - Rev 2
page 32/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com