Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 25Page - STMicroelectronics M24M02E-F Datasheet HTML 26Page - STMicroelectronics M24M02E-F Datasheet HTML 27Page - STMicroelectronics M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics M24M02E-F Datasheet HTML 32Page - STMicroelectronics M24M02E-F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
6.5.5
Read lock status on identification page
The lock/unlock status of the identification page can be checked by transmitting a specific truncated command.
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this and waits for the address bytes where the identification page is located. The device
responds to each address byte with an acknowledge bit, and then waits for the data byte. See in Table 9,
Table 10, and Table 11 how to address the identification page.
The device returns an acknowledge bit after the data byte if the identification page is unlocked (unlock status) as
shown in Figure 22, otherwise a NoAck bit as shown in Figure 23, if the identification page is locked (lock status).
Right after this, it is recommended to transmit to the device a start condition followed by a stop condition, so that:
•
Start: the truncated command is not executed because the start condition resets the device internal logic
•
Stop: the device is then set back into standby mode by the stop condition
Figure 22. Read lock status (identification page unlocked)
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
ACK
Figure 23. Read lock status (identification page locked)
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
NO ACK
M24M02E-F
Instructions
DS14157 - Rev 2
page 29/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com