Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics M24M02E-F Datasheet HTML 32Page - STMicroelectronics M24M02E-F Datasheet HTML 33Page - STMicroelectronics M24M02E-F Datasheet HTML 34Page - STMicroelectronics M24M02E-F Datasheet HTML 35Page - STMicroelectronics M24M02E-F Datasheet HTML 36Page - STMicroelectronics M24M02E-F Datasheet HTML 37Page - STMicroelectronics M24M02E-F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Table 19. AC characteristics in Fast-mode
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
ns
tQL1QL2(1)
tF
SDA (out) fall time
20(2)
300
ns
tXH1XH2(1)
tR
Input signal rise time
(3)
(3)
ns
tXL1XL2(1)
tF
Input signal fall time
(3)
(3)
ns
tDXCH
tSU:DAT Data in setup time
100
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX(4)
tDH
Data out hold time
100
-
ns
tCLQV(5)
tAA
Clock low to next data valid (access time)
-
900
ns
tCHDL
tSU:STA
Start condition setup time
600
-
ns
tDLCL
tHD:STA Start condition hold time
600
-
ns
tCHDH
tSU:STO Stop condition set up time
600
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
1300
-
ns
tWLDL(1)(6)
tSU:WC
WC set up time (before the start condition)
0
-
μs
tDHWH(1)(7)
tHD:WC
WC hold time (after the stop condition)
1
-
μs
tW
tWR
Write cycle time
-
4(8)
ms
tNS(1)
-
Pulse width ignored (input filter on SCL and SDA) - single glitch
-
50
ns
tWU(9)(10)
-
Wake up time
-
5
μs
1. Evaluated by characterization - Not tested in production.
2. With CL = 10 pF.
3. There is no min. or max. values for the input signal rise and fall times. It is however recommended by the I²C specification
that the input signal rise and fall times be more than 20 ns and less than 300 ns when fC < 400 kHz.
4. To avoid spurious start and stop conditions, a minimum delay is placed between SCL = 1 and the falling or rising edge of
SDA.
5. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3VCC or 0.7VCC, assuming
that the Rbus × Cbus time constant is within the values specified in Figure 25.
6. WC = 0 setup time condition to enable the execution of a write command.
7. WC = 0 hold time condition to enable the execution of a write command.
8. 3.3 ms typical.
9. Specified by design - Not tested in production.
10. Wake up time: Delay between the VCC(min) stable and the first accepted command.
M24M02E-F
DC and AC parameters
DS14157 - Rev 2
page 34/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com