Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 19Page - STMicroelectronics M24M02E-F Datasheet HTML 20Page - STMicroelectronics M24M02E-F Datasheet HTML 21Page - STMicroelectronics M24M02E-F Datasheet HTML 22Page - STMicroelectronics M24M02E-F Datasheet HTML 23Page - STMicroelectronics M24M02E-F Datasheet HTML 24Page - STMicroelectronics M24M02E-F Datasheet HTML 25Page - STMicroelectronics M24M02E-F Datasheet HTML 26Page - STMicroelectronics M24M02E-F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
6.3
ECC (error correction code) and write cycling
The error correction code (ECC) is an internal logic function transparent for the I²C communication protocol.
The ECC logic is implemented on each group of four bytes (located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3],
where N is an integer). Within a group, if a single bit happens to be erroneous during a read operation, the ECC
detects and replaces it with the correct value. The read reliability is therefore much improved.
Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently.
In this case, the ECC function also writes/cycles the three other bytes located in the same group. As a
consequence, the maximum cycling budget is defined at group level and the cycling can be distributed over the
four bytes of the group: the sum of the cycles seen by byte0, byte1, byte2, and byte3 of the same group must
remain below the maximum value defined in Table 16. Cycling performance by groups of four bytes.
M24M02E-F
Instructions
DS14157 - Rev 2
page 23/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com