Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 48 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 44Page - STMicroelectronics M24M02E-F Datasheet HTML 45Page - STMicroelectronics M24M02E-F Datasheet HTML 46Page - STMicroelectronics M24M02E-F Datasheet HTML 47Page - STMicroelectronics M24M02E-F Datasheet HTML 48Page - STMicroelectronics M24M02E-F Datasheet HTML 49Page - STMicroelectronics M24M02E-F Datasheet HTML 50Page - STMicroelectronics M24M02E-F Datasheet HTML 51Page - STMicroelectronics M24M02E-F Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
11
Ordering information
Table 26. Ordering information scheme
Example:
M24
M02E
-
F
MN
6
T
P
F
Device type
M24 = I2C serial access EEPROM
Device function
M02E = 2-Mbit (256 K x 8 bit)
Operating voltage
F = VCC = 1.6 V to 5.5 V
Package(1)
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MC = UFDFPN8 (DFN8)
CS = WLCSP with 5 balls
CP = Thin WLCSP with 5 balls
Device grade
6 = Industrial device tested with standard test flow over -40 to 85 °C
Option
T = tape and reel packing
blank = tube packing
Plating technology and device address(2) or process (3)
P or G = ECOPACK2 and device address 0
1 = ECOPACK2 and preprogrammed device address
/V = Manufacturing technology code
Option(3)
Blank = No back side coating
F = Back side coating
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
2. See Table 6. Preprogrammed device address.
3. For WLCSP only.
Note:
For a list of available options (memory, package, and so on) or for further information on any aspect of this
device, contact your nearest ST sales office.
Note:
Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such
use. In no event will ST be liable for the customer using any of these engineering samples in production. ST’s
Quality department must be contacted prior to any decision to use these engineering samples to run a
qualification activity.
M24M02E-F
Ordering information
DS14157 - Rev 2
page 48/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com