Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 1 Page - STMicroelectronics

  M24M02E-F Datasheet HTML 1Page - STMicroelectronics M24M02E-F Datasheet HTML 2Page - STMicroelectronics M24M02E-F Datasheet HTML 3Page - STMicroelectronics M24M02E-F Datasheet HTML 4Page - STMicroelectronics M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Features
I²C interface
•
Compatible with the following I²C bus modes:
–
1 MHz (Fast-mode Plus)
–
400 kHz (Fast-mode)
–
100 kHz (Standard-mode)
Memory
•
2-Mbit (256-Kbyte) of EEPROM
•
Page size: 256-byte
•
Additional 256-byte identification page
Supply voltage
•
Wide voltage range: 1.6 V to 5.5 V
Temperature
•
Operating temperature range: -40 °C to +85 °C
Fast write cycle time
•
Byte and page write within 4 ms (typically 3.3 ms)
Performance
•
Enhanced ESD/latch-up protection
•
More than 4 million write cycles
•
More than 200-year data retention
•
Fast wake-up time (less than 5 μs)
Ultralow power current consumption
•
350 nA (typical) in standby mode
•
100 μA (typical) for read current
•
500 μA (typical) for write current
Advanced features
•
Configurable device address register
•
Device type identifier register (in read-only)
•
Preprogrammed device address
•
Software write protection register
•
Hardware write protection of the whole memory array
•
Random and sequential read modes
Packages
•
SO8N, TSSOP8, UFDFPN8, and WLCSP5 (ECOPACK2 compliant)
SO8N
(150 mil width)
TSSOP8
(169 mil width)
UFDFPN8-DFN8
(2 x 3 mm)
WLCSP5
(CS and CP)
Product status
M24M02E-F
Product label
2-Mbit serial I²C bus EEPROM with configurable device address, software write
protection registers, and preprogrammed device address
M24M02E-F
Datasheet
DS14157 - Rev 2 - August 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24M02E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M02 STMICROELECTRONICS-M24M02 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
08-Sep-2015
M24M02-BRCS6TG STMICROELECTRONICS-M24M02-BRCS6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRCS6TP STMICROELECTRONICS-M24M02-BRCS6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TG STMICROELECTRONICS-M24M02-BRMN6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
More results

Similar Description - M24M02E-F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
431Kb / 35P
128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 2 - October 2019
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24M02-DR STMICROELECTRONICS-M24M02-DR_V01 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
692Kb / 42P
256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
Rev 2 - July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com