Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02E-F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 12Page - STMicroelectronics M24M02E-F Datasheet HTML 13Page - STMicroelectronics M24M02E-F Datasheet HTML 14Page - STMicroelectronics M24M02E-F Datasheet HTML 15Page - STMicroelectronics M24M02E-F Datasheet HTML 16Page - STMicroelectronics M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics M24M02E-F Datasheet HTML 19Page - STMicroelectronics M24M02E-F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
6.1.2
Page write
The page write mode allows up to 256 bytes to be written in a single write cycle, provided they are all located on
the same page in the memory. This means that the most significant memory address bits, from A17 to A8, are the
same. If more bytes are sent than fit up to the end of the page, a roll-over occurs: the bytes exceeding the page
end are written on the same page, from location 0.
The bus controller sends from 1 to 256 bytes of data, each of which is acknowledged by the device if the
addressed bytes are not write-protected through the SWP setting or through WC pin (driven low). In the opposite
case, when the addressed bytes are write-protected by SWP setting or WC pin (driven high), the contents of the
addressed memory location are not modified, and each data byte is followed by a NO ACK, as shown in Figure 7.
After each transferred byte, the internal page address counter is incremented.
The transfer is terminated by the bus controller generating a stop condition.
Figure 7. Write mode sequences with write protection (data write inhibited)
WC
Byte write
WC
Page write
Page write (cont’d)
M24M02E-F
Instructions
DS14157 - Rev 2
page 16/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com